Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download TF-ACG-203-A1-1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  08-11 08 features specifications industrial remote touch display solutions supports remote display function easy-to-install: rj-45 cable x 1 easy-to-deploy: tcp/ip protocol support wallmount industrial remote display host gateway system front i/o mini-usb x 1, line-out x 1, dvi/vga input x 1, rj-45 x 1, led x 2, power x 1 rear i/o dip switch os support windows? xp (t/s: single point), linux fedora (t/s: multi-point), windows? 7 (t/s: multi-point) mechanical construction steel front bezel & chassis mounting wallmount dimension 8.19 x 4.04 x 0.98 (208mm x 102.5mm x 25 mm) carton dimension 11.61 x 10.43 x 2.95 (295mm x 265mm x 75 mm) gross weight 2.99 lb (1.36kg) net weight 1.23 lb (0.56kg) environmental operating temperature 32f ~ 122f (0c ~ 50c) storage temperature -4f ~ 140f (-20c ~ 60c) storage humidity 10%~95% @ 40c; non-condensing vibration 1 g rms/ 5~500hz/ random operation shock 15 g peak acceleration (11 msec. duration) emc ce/fcc class a power supply dc input 12v dc w/ power adapter acg-203 note: users have to select the remote display to work with the acg-203 TF-ACG-203-A1-1010 ? remote display host gateway (one to multiple networks/displays) tf-acg-203-a2-1010 ? remote display host gateway (one to one network/display) ordering information optional accessories dc-in power led led mini usb line in dip switch dvi-i lan x 1 1757306007 ? power adapter 12v dc in 60w with lock 1702031802 ? power cord (us type) 1702031803 ? power cord (european type) 170203180e ? power cord (japanese type)


▲Up To Search▲   

 
Price & Availability of TF-ACG-203-A1-1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X